Part Number Hot Search : 
RS7809AE OPS002 N5401 LEADFREE PMV20XN F6654 ATR062 FLZ12V
Product Description
Full Text Search
 

To Download 2SC6026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC6026
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC6026
General-Purpose Amplifier Applications
* * * * * High voltage and high current : VCEO = 50 V, IC = 100 mA (max) Excellent hFE linearity : hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
0.60.05 0.150.05
Unit: mm
0.350.05
High hFE Lead (Pb) free
: hFE = 120~400
Complementary to 2SA2154
1 3 2 0.80.05 1.00.05 0.10.05
Maximum Ratings (Ta = 25C)
Characteristic Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating 60 50 5 100 30 50 150 -55~150 Unit V V V mA mA mW C C
0.48 -0.04
+0.02
0.10.05
fSM JEDEC JEITA TOSHIBA
1.BASE 2.EMITTER 3.COLLECTOR 2-1E1A
Weight: 0.0006 g (typ.)
Electrical Characteristics (Ta = 25C)
Characteristic Collector cutoff current Emitter cutoff current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Symbol ICBO IEBO hFE (Note) VCE (sat) fT Cob Test Condition VCB = 60 V, IE = 0 VEB = 5 V, IC = 0 VCE = 6 V, IC = 2 mA IC = 100 mA, IB = 10 mA VCE = 10 V, IC = 1 mA VCB = 10 V, IE = 0, f = 1 MHz Min 120 60 Typ. 0.1 0.95 Max 0.1 0.1 400 0.25 Unit A A V MHz pF
Note: hFE classification Y (F): 120~240, GR (H): 200~400 ( ) marking symbol
Marking
Type Name hFE Rank
7F
1
2005-03-23
0.20.05
2SC6026
IC - VCE 120 2.0
COLLECTOR CURRENT IC (mA)
hFE - IC 1000
1.5
100 80 60 40 20
1.0
0.7 0.5 0.3 0.2 IB=0.1mA
DC CURRENT GAIN hFE
Ta = 100C
25
100
-25
COMMON EMITTERTa=25C 0 0 1 2 3 4 5 6 7 COLLECTOR-EMITTER VOLTAGE VCE (V) 10 0.1
COMMON EMITTER VCE = 6V VCE = 1V 1 10 100
COLLECTOR CURRENT IC (mA)
VCE(sat) - IC 1
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (V) BASE-EMITTER SATURATION VOLTAGE VBE(sat) (V)
VBE(sat) - IC 10 COMMON EMITTER IC/ IB = 10
COMMON EMITTER IC/IB = 10
25 1 -25
0.1 25
Ta = 100C
Ta = 100C
-25
0.01 0.1 1 10 100 COLLECTOR CURRENT IC (mA)
0.1 0.1 1 10 100 COLLECTOR CURRENT IC (mA) PC - Ta
COLLECTOR POWER DISSIPATION PC (mV)
IB - VBE 1000 100 90 80 70 60 50 40 30 20 10 0 0 20 40
Mounted on FR4 board (10 mm x 10 mm x 1 mmt)
BASE CURRENT IB (A)
100
Ta = 100C
10
25
-25
1 COMMON EMITTER VCE = 6V 0.1 0 0.2 0.4 0.6 0.8 1 1.2 1.4
60
80
100
120 140
160
BASE-EMITTER VOLTAGE VBE (V)
AMBIENT TEMPERATURE Ta (C)
2
2005-03-23
2SC6026
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
3
2005-03-23


▲Up To Search▲   

 
Price & Availability of 2SC6026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X